PART |
Description |
Maker |
EW750-100-FB EW750-100-GB EW750-100-JB EW750-100-K |
HIGH POWER EDGEWOUND RESISTORS TUBULAR, 75 WATT to 2000 WATT
|
RCD COMPONENTS INC.
|
TDA7492P TDA7492P13TR |
25-watt 25-watt dual BTL class-D audio amplifier
|
STMicroelectronics
|
MPF2S-100-D MPF2S-100-F MPF2S-100-G MPF2S-100-J MP |
ECONOMICAL 1 WATT TO 3 WATT POWER FILM MELF RESISTORS
|
RCD COMPONENTS INC.
|
RW3FF-100-GB RW3FF-100-GT RW3FF-100-JB RW3FF-100-J |
ECONOMY WIREWOUND RESISTORS 1 WATT to 10 WATT
|
http:// RCD COMPONENTS INC.
|
ZM4756A ZM4749A ZM4746A ZM4744A ZM4733A ZM4730A ZM |
1 Watt LL-41 Hermetically 1 Watt LL-41 Hermetically Regulators 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics (Hol... Tak Cheong Electronics ...
|
NME0505SNBSP NME1205 NME2412 NME1212 NME0505S NME0 |
DC/DC converter, 1 watt. Output voltage 12VDC. Output current 84mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 9VDC. Output current 110mA. Input 24VDC . DC/DC converter, 1 watt. Output voltage 5VDC. Output current 200mA. Input 24VDC . NME Series 1 Watt Surface Mount DC/DC Converters DC/DC Converters NME SERIES 1 WATT From old datasheet system Ty-Rap Self-Locking Cable Ties; Cable Bundle Diameter Max:2.00"; Body Material:Nylon 6.6; Cable Tie Length:8.8"; Cable Tie Width:0.301"; Tensile Strength:120lb; Color:Black DC / DC转换非市场经济系瓦特
|
International Power Sources List of Unclassifed Manufacturers XPiQ Inc. ETC[ETC] Electronic Theatre Controls, Inc.
|
0809LD30P |
Compant High-Insulation Power Relay, Polarized, 10A 30 Watt / 28V / 1 Ghz LDMOS FET 30 WATT 28V 1 GHz LDMOS FET 30 WATT, 28V, 1 GHz LDMOS FET
|
Electronic Theatre Controls, Inc. GHZ Technology ETC[ETC] List of Unclassifed Manufacturers
|
MPS6727 ON2333 MPS6726 |
One Watt Amplifier Transistor(PNP Silicon) CASE 29?5, STYLE 1 TO?2 (TO?26AE) From old datasheet system (MPS6726) One Watt Amplifier Transistor
|
ON Semiconductor Motorola, Inc
|
3EZXXD5G 3EZ6.2D5RLG 3EZXXD5RLG |
3 Watt DO-41 Surmetic 30 Zener Voltage Regulators 3 Watt DO-41 Surmetic?/a> 30 Zener Voltage Regulators 3 W Zener Regulator 6.2 V SUR30; Package: Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Tape and Reel; Qty per Container: 6000 6.2 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 3 Watt DO-41 Surmetic?/a> 30 Zener Voltage Regulators
|
ON Semiconductor
|
DRS2812 DRS2815 DRS4805 DRS4812 DRS2412 DRS1205 DR |
1.25 WATT 1.25 WATT 1.25瓦特 DIODE ZENER 5W 17V DO-15
|
KEMET Corporation POWER-ONE[Power-One]
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|